Part Number Hot Search : 
12N50 0M50V5 FT0408DI MC331 T7201235 VT273 MC331 015LC
Product Description
Full Text Search
 

To Download DC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model numbers d c c on t r o l a c c on t r o l d c 60 s 3d c 60 s 5d c 60 s 7d c 60 s a3 d c 60 s a5 d c 60 s a7 ou t p u t spe c i f i c a t ion s ? operating voltage range [vdc] 3-60 3-60 3-60 3-60 3-60 3-60 load current range ? [adc] .02-3 .02-5 .02-7 .02-3 .02-5 .02-7 max. surge current, (1 sec) [adc] 61014610 14 max. on-state voltage drop @ rated current [vdc] 1.3 1.5 1.7 1.3 1.5 1.7 thermal resistance junction to case (r jc ) [ ? c/w] 2.2 2.2 2.2 2.2 2.2 2.2 max. off-state leakage current @ rated voltage [ma] 0.1 0.1 0.1 0.1 0.1 0.1 max. turn-on time [msec] 0.1 0.1 0.1 10 10 10 max. turn-off time [msec] 0.3 0.3 0.3 40 40 40 in p u t spe c i f i c a t ion s ? d c c on t r o l a c c on t r o l control voltage range 3.5-32 vdc 90-280 vrms max. turn-on voltage 3.5 vdc 90 vrms min. turn-off voltage 1.0 vdc 10 vrms nominal input impedence 1500 ohms 60k ohms typical input current 2.2ma @ 5 vdc 2ma @ 120 vrms, 4ma @ 240 vrms g e n e r a l no t es ? all parameters at 25?c unless otherwise specified. ? heat sinking required, for derating curves see page 2.  c o s t e ffe c tive  i ndu s try s tandard p a c kage  a c or d c c ontrol  p anel m ount fastfax document no. 163 series DC60. rev. 021202 page 1 of 2 bipolar transistor outputs are available in 3, 5 and 7 amp ratings. cost-effec- tive relays offer 4000 volt isolation and come in crydom's standard panel- mount package. manufactured in crydom's iso 9001 certified facility for optimum product performance and reliability. s erie s d c 60 3-7amp 60 vdc dc output ?2002 crydom corp, specifications subject to change without notice. for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom corp, 2320 paseo de las americas, ste. 201, san diego, ca 92154 email : sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 365070  fax +44 (0)1202 365090 crydom international ltd., 7 cobham road, ferndown industrial estate, ferndown, dorset bh21 7pe, email : intsales@crydom.com. germany: +49 (0)180 3000 506
12 8 4 0 12 1.5 2.5 3 20 40 60 100 80 load current [arms] max ambient temp. [?c] power dissipation 100 base plate temp [ ? c] 3a 105 110 115 120 no heat sink 7.5 ? c/w 12 8 4 0 12 45 3 204060 100 80 load current [arms] max ambient temp. [ ? c] power dissipation 100 base plate temp [ ? c] 5a 105 110 115 120 no heat sink 5 ? c/w 2 ? c/w 7.5 ? c/w 12 8 4 0 12 4567 3 204060 100 80 load current [arms] max ambient temp. [ ? c] power dissipation 100 base plate temp [ ? c] 7a 105 110 115 120 no heat sink 5 ? c/w 2 ? c/w 7.5 ? c/w g e n e r a l spe c i f i c a t ion s dielectric strength 50/60hz (input/output/base) 4000 vrms insulation resistance (min.) @ 500 vdc 10 9 ohm max. capacitance input/output 8 pf ambient operating temperature range -30 to 80 ? c ambient storage temperature range -30 to 125 ? c m e c hani c a l spe c i f i c a t ion s weight: (typical) 3.0 oz. (86.5g) encapsulation: thermally conductive epoxy terminals: screws and saddle clamps furnished, unmounted 1.87 (47.5) .78 (19.8) 2.30 (58.4) 1.70 (43.2) .90 (22.9) .45 (11.4) 1.10 (27.9) 8-32 terminal (2 places ) 1.00 (25.4) 6-32 terminal (2 places) 1.80 (45.7) solid-state relay output +-- + -- input mounting hole/slot 0.17 (4.3) dia. 12 3 4 c u rr e n t d e r a t in g c u r v es c rydom h eat s ink s offer excellent thermal management and are per- fectly matched to the load current ratings of crydom panel mount relays. request crydom's heat sink specification sheet for all the details. fastfax document no. 163 series DC60. rev. 021202 page 2 of 2 s erie s d c 60 3-7amp 60 vdc dc output all dimensions are in inches (millimeters) s c rew t orque r equirement s : 6-32 screws - 10 in. lbs., 8-32 and 10-32 screws - 20in. lbs. (screws dry without grease.) a c c on t r o l mod e l s pin 3: ac control pin 4: ac control d c c on t r o l mod e l s pin 3 : + dc control pin 4: -- dc control ssr input output 4 1 (+) 3 2 (--) (e) (+) load input and output polarity must be observed. inductive loads must be diode suppressed. transient protection all loads are inductive, even ones that are not so labeled. an inductive load will produce harmful transient voltages when it is turned off. diodes should be fast recovery type with piv rated greater than supply voltage. ?2002 crydom corp, specifications subject to change without notice. for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom corp, 2320 paseo de las americas, ste. 201, san diego, ca 92154 email : sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 365070  fax +44 (0)1202 365090 crydom international ltd., 7 cobham road, ferndown industrial estate, ferndown, dorset bh21 7pe, email : intsales@crydom.com. germany: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of DC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X